Part Number Hot Search : 
SP6650 4312MT 2SD0602A 78005 74HC164 U74LV 0150CT 10023
Product Description
Full Text Search
 

To Download MC100LVEL30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Triple D Flip-Flop With Set and Reset
The MC100LVEL30 is a triple master-slave D flip flop with differential outputs. The MC100EL30 is pin and functionally equivalent to the MC100LVEL30 but is specified for operation at the standard 100E ECL voltage supply. Data enters the master latch when the clock input is LOW and transfers to the slave upon a positive transition on the clock input. In addition to a common Set input individual Reset inputs are provided for each flip flop. Both the Set and Reset inputs function asynchronous and overriding with respect to the clock inputs.
MC100LVEL30 MC100EL30
20 1
* * * * * * *
1200MHz Minimum Toggle Frequency 20-Lead SOIC Packaging 550ps Typical Propagation Delays Set and Reset Inputs Supports both Standard and Low Voltage 100K ECL Internal Input Pulldown Resistors >2000V ESD Protection TRUTH TABLE R L L H L H S L L L H H D L H X X X CLK Z Z X X X Q L H L H Undef Q H L H L Undef
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
VCC 20 Q0 19 Q0 18 VCC 17 Q1 16 Q1 15 VCC 14 Q2 13 Q2 12 VEE 11
Q S D
Q R S
Q D
Q R S
Q D
Q R
Z = LOW to HIGH Transition PIN NAMES
1 S012 2 D0 3 CLK0 4 R0 5 D1 6 CLK1 7 R1 8 D2 9 10 Pins D0-D2 R0-R2 CLK0-CLK2 S012 Function Data Inputs Reset Inputs Clock Inputs Common Set Input CLK2 R2
5/96
(c) Motorola, Inc. 1996
4-1
REV 2
MC100LVEL30 MC100EL30
MC100LVEL30 DC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol IEE IIH Characteristic Power Supply Current Input HIGH Current Min Typ 55 Max 62 150 Min 0C Typ 55 Max 62 150 Min 25C Typ 55 Max 62 150 Min 85C Typ 55 Max 64 150 Unit mA A
MC100LVEL30 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW Characteristic Maximum Toggle Frequency Propagation Delay to Output Setup Time Hold Time Set/Reset Recovery Minimum Pulse Width CLK Set, Reset Output Rise/Fall Times Q (20% - 80%) CLK S, R Min 1.0 460 470 150 200 400 400 650 280 550 0 100 200 690 710 Typ Max Min 1.2 470 480 150 200 400 400 650 280 550 0 100 200 700 720 0C Typ Max Min 1.2 480 490 150 200 400 400 650 280 550 0 100 200 710 730 25C Typ Max Min 1.2 500 515 150 200 400 400 650 280 550 ps 0 100 200 730 755 85C Typ Max Unit GHz ps ps ps ps
tr tf
MC100EL30 DC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol IEE IIH Characteristic Power Supply Current Input HIGH Current Min Typ 55 Max 62 150 Min 0C Typ 55 Max 62 150 Min 25C Typ 55 Max 62 150 Min 85C Typ 55 Max 64 150 Unit mA A
MC100EL30 AC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW Characteristic Maximum Toggle Frequency Propagation Delay to Output Setup Time Hold Time Set/Reset Recovery Minimum Pulse Width CLK Set, Reset Output Rise/Fall Times Q (20% - 80%) CLK S, R Min 1.0 460 470 150 200 400 400 650 280 550 0 100 200 690 710 Typ Max Min 1.2 470 480 150 200 400 400 650 280 550 0 100 200 700 720 0C Typ Max Min 1.2 480 490 150 200 400 400 650 280 550 0 100 200 710 730 25C Typ Max Min 1.2 500 515 150 200 400 400 650 280 550 ps 0 100 200 730 755 85C Typ Max Unit GHz ps ps ps ps
tr tf
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL30 MC100EL30
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3
*MC100LVEL30/D*
MC100LVEL30/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X